Part Number Hot Search : 
STK85007 P2702Z 16080 PTC60 HCT125 5N50A DTA114TE 440SH
Product Description
Full Text Search
 

To Download 1SR35-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1SR35-100 ~ 1sr35-400 silicon rectifier diodes prv : 100 - 400 volts io : 1.0 ampere features : * high current capability * high surge current capability * high reliability * low reverse current * low forward voltage drop * pb / rohs free mechanical data : * case : do-41 molded plastic * epoxy : ul94v-o rate flame retardant * lead : axial lead solderable per mil-std-202, method 208 guaranteed * polarity : color band denotes cathode end * mounting position : any * weight : 0.339 gram maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise specified . single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. symbol 1SR35-100 1sr34-200 1sr34-400 unit maximum repetitive peak reverse voltage v rrm 100 200 400 v maximum rms voltage v rms 70 140 280 v maximum dc blocking voltage v dc 100 200 400 v maximum average forward current 0.375"(9.5mm) lead length ta = 50 c maximum peak forward surge current 8.3ms single half sine wave superimposed on rated load (jedec method) maximum forward voltage at i f = 1.0 a v f 1.1 v maximum dc reverse current at v r = v rrm i rm 10 m a junction temperature range t j - 65 to + 175 c storage temperature range t stg - 65 to + 175 c page 1 of 2 rev. 02 : march 25, 2005 a a rating i fsm i f(av) 1.0 30 do - 41 dimensions in inches and ( millimeters ) 1.00 (25.4) min. 0.107 (2.7) 0.080 (2.0) 0.205 (5.2) 0.166 (4.2) 1.00 (25.4) min. 0.034 (0.86) 0.028 (0.71)
rating and characteristic curves ( 1SR35-100 ~ 1sr35-400 ) fig.1 - derating curve for output fig.2 - maximum non-repetitive peak rectified current forward surge current 0 25 50 75 100 125 150 175 1 2 4 6 10 20 40 60 100 ambient temperature, ( c) number of cycles at 60hz fig.3 - typical forward characteristics fig.4 - typical reverse characteristics 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 forward voltage, volts page 2 of 2 rev. 02 : march 25, 2005 0.8 0.6 0.4 0.2 1.0 10 1.0 40 0 50 0 30 20 10 1.0 80 0.1 0.01 10 0.1 100 140 0 20 40 60 120 percent of rated reverse voltage, (%) p e a k f o r w a r d s u r g e c u r r e n t , a m p e r e s a v e r a g e f o r w a r d o u t p u t c u r r e n t , a m p e r e s f o r w a r d c u r r e n t , a m p e r e s r e v e r s e c u r r e n t , m i c r o a m p e r e s ta = 25 c ta = 100 c t j = 25 c ta = 25 c pulse width = 300 m s 2% duty cycle 0.01


▲Up To Search▲   

 
Price & Availability of 1SR35-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X